PART |
Description |
Maker |
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
RCFB1-866BP3 RCFB1-948BP3 RCFB1-815BP3 RCFB2-915BP |
Dielectric Ceramic Filters and Duplexers
|
http:// Raltron Electronics Cor...
|
GRO2180D GRO2180S |
Low Phase Noise VCO With Ceramic Coaxial Resonator
|
BOWEI Integrated Circuits CO.,LTD.
|
CRO1125S CRO1125D |
Low Phase Noise VCO With Ceramic Coaxial Resonator
|
BOWEI Integrated Circuits CO.,LTD.
|
CRO600D CRO600S |
Low Phase Noise VCO With Ceramic Coaxial Resonator
|
BOWEI Integrated Circuits CO.,LTD.
|
28LV010RPDE-25 28LV010RT1DE-25 28LV010RT2DE-25 28L |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DIP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM CAP-ARR 200PF X4 100V 10% NP0(C0G) SMD-0508 PLATED-NI/SN TR-7 1K/REEL CAP ARRAY, 2 X 10NF 50V 0508X7RCAP ARRAY, 2 X 10NF 50V 0508X7R; Capacitance:10nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 22NF 16V 0405X5RCAP ARRAY, 2 X 22NF 16V 0405X5R; Capacitance:22nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:85(degree C); CAP ARRAY, 2 X 15PF 50V 0405NPOCAP ARRAY, 2 X 15PF 50V 0405NPO; Capacitance:0.015nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 680PF 50V 0405NPOCAP ARRAY, 2 X 680PF 50V 0405NPO; Capacitance:0.68nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 4 X 100PF 50V 0508NPOCAP ARRAY, 4 X 100PF 50V 0508NPO; Capacitance:0.1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 10NF 16V 0405X7RCAP ARRAY, 2 X 10NF 16V 0405X7R; Capacitance:10nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:125(degree C); Ceramic Capacitor Array; Capacitor Type:Chip Array; Capacitance:22pF; Capacitance Tolerance: /- 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0405; Termination:SMD RoHS Compliant: Yes CAP ARRAY, 2 X 1000PF 50V 0405X7RCAP ARRAY, 2 X 1000PF 50V 0405X7R; Capacitance:1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C);
|
Maxwell Technologies, Inc
|
UMK316B7474MLHT |
Multilayer Ceramic Capacitors (High dielectric type) for Automotive
|
Taiyo Yuden (U.S.A.), I...
|
EMK105B7473MVHF |
Multilayer Ceramic Capacitors (High dielectric type) for Automotive
|
Taiyo Yuden (U.S.A.), I...
|
UMK316B7104KLHT |
Multilayer Ceramic Capacitors (High dielectric type) for Automotive
|
Taiyo Yuden (U.S.A.), I...
|
UMK105B7103MVHF |
Multilayer Ceramic Capacitors (High dielectric type) for Automotive
|
Taiyo Yuden (U.S.A.), I...
|
|